PART |
Description |
Maker |
ATF22V10 ATF22V10B ATF22V10B-10JC ATF22V10B-10JI A |
High- Performance EE PLD FLASH PLD, 25 ns, PDSO24 High- Performance EE PLD FLASH PLD, 25 ns, PDIP24 Single Supply, Dual SPST Switch FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PQCC28 High- Performance EE PLD FLASH PLD, 10 ns, CQCC28 High- Performance EE PLD FLASH PLD, 15 ns, CDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDSO24 3.3V, 1 Output, LVTTL to LVPECL Clock Converter CAP 470PF 16V 5% X7R SMD-0603 TR-7 PLATED-NI/SN High-performance EE PLD
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
FM27C512Q FM27C512N90 FM27C512V120 FM27C512V150 FM |
512K-Bit (64K x 8) High Performance CMOS EPROM 524,288-Bit (64K x 8) High Performance CMOS EPROM 524/288-Bit (64K x 8) High Performance CMOS EPROM Capacitors.. 100 PIECE MIN.. NC/NR
|
FAIRCHILD[Fairchild Semiconductor] PROM
|
IDT79RC64T575-200DP IDT79RC64575 |
High performance 64-Bit Microprocessor High performance 64-bit Microprocessor **NOT RECOMMENDED FOR NEW DESIGNS**
|
IDT
|
TMP86C420U TMP86C820F TMP86C420F TMP86C820U |
CMOS 8-Bit Microcontroller High-speed, High-performance and low power consumption 8-bit microcomuter including ROM,RAM,LCD driver, multi function timer
|
Toshiba Semiconductor Toshiba Corporation
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MAX5889 MAX5890 MAX5891 MAX5891EGK |
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs Dual Very-High Speed, High-Current Peripheral Drivers 8-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MN1554 MN1552 MN1500 MN1550 MN1551 |
(MN1550 Series) High Performance Low Power CMOS 4 Bit Single Chip Microcontroller High-Performance Low Power CMOS 4-Bit Single-Chip Microcomputer
|
Panasonic Semiconductor
|
P320DT70RI P320DT60RI P320DT70VI P320DT90VI AM29PL |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
|
AMD[Advanced Micro Devices]
|